Part Number Hot Search : 
MTA50HAM SA30A HV841 HCPL261A BURSTRAM M2201 GLU47N10 74409
Product Description
Full Text Search
 

To Download TC206BMJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Quartz SMD
Features: - Cylindrical enclosures with mounting clips - Surface mount pick & place - High performance to cost ratio
Specifications Frequency range Frequency tolerance,Ta=25C Load capacitance Temp. coefficient Temperature range Drive level Series resistance Shunt capacitance Insulation resistance Aging Storage temperature Operating temperature Maximum drive level Recommended drive level Symbol f Df/f CL A TSTG TOPR MDL RDL R1 C0 IR DfA 0,9pF TC308B MJ TC206B MJ 32.768kHz 30kHz ~ 170kHz 20ppm ~ 50ppm 6pF ~ 12.5pF (Std.) -0.04 x 10-6 / C -40C ~ +85C -10C ~ +60C 1mW 35kOhm max
TC308B MJ TC206B MJ
Remarks Standard Available Others are offered Please specify Max Others are offered Max
50kOhm max As per table (25C)
0,8pF
Min Max
100M Ohm 5ppm/Year
Resistance of series resonance (ESR) Frequency Mode 30kHz <= f < 40kHz Fundamental 40kHz <= f < 60kHz Fundamental 60kHz <= f < 70kHz Fundamental
Ohm 45K max 20K max 15k max
Frequency 70kHz <= f < 120kHz 120kHz <= f < 170kHz
Mode Fundamental Fundamental
Ohm 12k max 10k max
Drawing TC206BMJ TC308BMJ
Dimensions in mm
Order key
Q
Part
- 32.768000k - TC206B
Frequency Package
- 50
Frequency tolerance
-B
Temperature range A= 0C ~ 70C
- 12.5
Load capacitance pF SR=series
- MJ
Option
Q=Quartz
k=kHz
TC206BMJ TC308BMJ
+/-ppm (25C)
MJ=Metal jacket X=Special options
B=-10C ~ 60C C=-10C ~ 70C D=-20C ~ 70C E=-40C ~ 85C H=-20C ~ +80C I=-10C ~ +50C
Remarks: All specifications subject to change without notice!
2.2


▲Up To Search▲   

 
Price & Availability of TC206BMJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X